PART |
Description |
Maker |
PIC16F630-E/P PIC16F630-E/SL PIC16F630-E/ST PIC16F |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit ... This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit microcontroller packs Microchip’s powerful PIC® MCU architecture into a 14-pin package and featur This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit microcontroller packs Microchip’s powerful PICMCU architecture into a 14-pin package and features 1
|
Microchip
|
PIC16F57 |
This powerful (100 nanosecond instruction execution) yet easy-to-program (only 33 single-word instructions) FLASH-based 8-bit microcontroller packs Microchip’s powerful PICmicroarchitecture into a 28-pin package. Easily adapted for
|
Microchip
|
PIC16F874A-E/L PIC16F874A-E/ML PIC16F874A-E/P PIC1 |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS FLASH-based 8-bit ... 28/40-pin Enhanced FLASH Microcontrollers
|
Microchip
|
PIC16F84AT-04I_PQTP PIC16F84AT-04I_PROM PIC16F84AT |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash/EEPROM-based ... 18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
|
Microchip Technology
|
PIC16F747-I/ML PIC16F747-I/P PIC16F747-I/PT PIC16F |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 word instructions) CMOS FLASH-based 8-bit microcontroller ... 28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
|
Microchip
|
PIC16F83T-10/SO PIC16F83T-10I/SO PIC16CR83 PIC16CR |
A newer version of this device is available. Please consider PIC16F84A. This powerful (400 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS ROM/EEPROM-based 8-bit microcontroller packs Microchips powerful PIC architecture into an 18-pin package. Easily adapted A newer version of a device is available. Please consider PIC16F84A
|
Microchip
|
DM163006 PIC18C601-I/L PIC18C601-I/PT PIC18C601T-I |
This powerful 6.25 MIPS (160 nanosecond instruction execution) yet easy-to-program (only 77 single word instructions) CMOS-based ...
|
Microchip
|
PIC16CE623T-04/SO PIC16CE623T-04/SS PIC16CE623T-04 |
This powerful (133 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS OTP-based 8-bit ...
|
Microchip
|
PIC18F248-E/SO PIC18F248-E/SP PIC18F448-E/L PIC18F |
This powerful 10 MIPS (100 nanosecond instruction execution) yet easy-to-program (only 77 single word instructions) CMOS FLASH-based ...
|
Microchip
|
PIC12C671 PIC12C672 PIC12C508A PIC12C509A |
This powerful (400 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS OTP-based 8-bit microcontroller packs Microchips powerful PIC architecture into an 8-pin package and features 4 channels This powerful (1µsecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS OTP-based 8-bit microcontroller packs Microchips powerful PIC architecture into an 8-pin package. Easily adapted for auto
|
Microchip
|
PIC12C672T-04/SM PIC12C672T-04E/SM PIC12C672T-04I/ |
This powerful (400 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS OTP-based 8-bit ... A newer device is available. Please consider PIC12F675.
|
Microchip
|